|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
6-31 36,000 usable pld gate quickram esp combining performance, density, and embedded ram QL4036 - quickram tm QL4036 rev f QL4036 - quickram device highlights high performance & high density 36,000 usable pld gates with 204 i/os 300 mhz 16-bit counters, 400 mhz datapaths, 160+ mhz fifos 0.35 m four-layer metal non-volatile cmos process for smallest die sizes high speed embedded sram 14 dual-port ram modules, organized in user-config- urable 1,152 bit blocks 5ns access times, each port independently accessible fast and effecient for fifo, ram, and rom functions easy to use / fast development cycles 100% routable with 100% utilization and complete pin-out stability variable-grain logic cells provide high performance and 100% utilization comprehensive design tools include high quality verilog/vhdl synthesis advanced i/o capabilities interfaces with both 3.3v and 5.0v devices pci compliant with 3.3v and 5.0v busses for -1/-2/-3/-4 speed grades full jtag boundary scan registered i/o cells with individually controlled clocks and output enables d evice h ighlights figure 1. quickram block diagram architecture overview the quickram family of esps (embedded standard products) offers fpga logic in combination with dual- port sram modules. the QL4036 is a 36,000 usable pld gate member of the quickram family of esps. quickram esps are fabricated on a 0.35mm four-layer metal process using quicklogic?s patented vialink tm technology to provide a unique combina- tion of high performance, high density, low cost, and extreme ease-of-use. the QL4036 contains 672 logic cells and 14 dual port ram modules (see figure 1). each ram module has 1,152 ram bits, for a total of 16,128 bits. ram modules are dual port (one read port, one write port) and can be configured into one of four modes: 64 (deep) x18 (wide), 128x9, 256x4, or 512x2 (see fig- ure 2). with a maximum of 204 i/os, the QL4036 is available in 144-pin tqfp, 208-pin pqfp and 256- pin pbga packages. designers can cascade multiple ram modules to increase the depth or width allowed in single modules by connecting corresponding address lines together and dividing the words between modules (see figure 3). this approach allows up to 512-deep configura- tions as large as 16 bits wide in the smallest quick- ram device and 44 bits wide in the largest device. 14 ram blocks } 672 high speed logic cells interface a rchitecture o verview
32 preliminary QL4036 - quickram tm 6-32 figure 2. quickram module software support for the complete quickram fam- ily, including the ql4016, is available through two basic packages. the turnkey quickworks tm pack- age provides the most complete esp software solu- tion from design entry to logic synthesis, to place and route, to simulation. the quicktools tm packages provides a solution for designers who use cadence, exemplar, mentor, syn-opsys, synplicity, viewlogic, veribest, or other third-party tools for design entry, synthesis, or simulation. the quicklogic variable grain logic cell features up to 16 simultaneous inputs and 5 outs within a cell that can be fragmented into 5 independent cells. each cell has a fan-in of 29 including register and control lines (see figure 4). figure 3. quickram module bits product summary product summary total of 204 i/o pins 196 bi-directional input/output pins, pci-compliant for 5.0 volt and 3.3 volt buses for -1/-2/-3/-4 speed grades 8 high-drive input/distributed network pins eight low-skew distributed networks two array clock/controlnetworks available to the logic cell flip-flop clock, set and reset inputs - each driven by and input-only pin six global clock/control networks available to the logic cell f1, clock, set and reset inputs and the input and i/o register clock, reset and enable inputs as well as the out- put enable control - each driven by an input-only or i/o pin, or any logic cell output or i/o cell feedback high performance input + logic cell + output total delays under 6 ns data path speeds over 400 mhz counter speeds over 300 mhz fifo speeds over 160+ mhz figure 4. logic cell wdata rdata rdata waddr wdata raddr ram module (1,152 bits) ram module (1,152 bits) p roduct s ummary qs a1 a2 a3 a4 a5 a6 os op b1 b2 c1 c2 ms d1 e1 np e2 d2 ns f1 f3 f5 f6 f2 f4 qc qr mp az oz qz nz fz 6-33 QL4036 - quickram tm 144 pin tqfp pinout diagram 208 pin pqfp/cqfp pinout diagram QL4036-1pf144c quickram pin #1 pin #37 pin #73 pin #109 QL4036-1pq208c quickram pin #1 pin #53 pin #105 pin #157 34 preliminary QL4036 - quickram tm 6-34 208 pqfp and 144 tqfp pinout table table 1: 208 pqfp and 144 tqfp pinout table 208 144 function 208 144 function 208 144 function 208 144 function 208 144 function pqfp tqfp pqfp tqfp pqfp tqfp pqfp tqfp pqfp tqfp 1 nc i/o 43 30 gnd 85 60 i/o 127 87 gnd 169 117 i/o 2 1 i/o 44 31 i/o 86 61 i/o 128 88 i/o 170 118 i/o 3 2 i/o 45 nc i/o 87 nc i/o 129 89 gclk / i 171 119 i/o 4 3 i/o 46 32 i/o 88 62 i/o 130 90 aclk / i 172 120 i/o 5 nc i/o 47 nc i/o 89 63 i/o 131 91 vcc 173 nc i/o 6 4 i/o 48 33 i/o 90 nc i/o 132 92 gclk / i 174 nc i/o 7 5 i/o 49 nc i/o 91 nc i/o 133 93 gclk / i 175 121 i/o 8 nc i/o 50 34 i/o 92 64 i/o 134 94 vcc 176 nc i/o 9 6 i/o 51 35 i/o 93 nc i/o 135 95 i/o 177 122 gnd 10 7 vcc 52 36 i/o 94 65 i/o 136 nc i/o 178 123 i/o 11 nc i/o 53 37 i/o 95 66 gnd 137 96 i/o 179 124 i/o 12 nc gnd 54 38 tdi 96 67 i/o 138 nc i/o 180 nc i/o 13 8 i/o 55 39 i/o 97 nc vcc 139 97 i/o 181 125 i/o 14 nc i/o 56 nc i/o 98 nc i/o 140 98 i/o 182 126 gnd 15 9 i/o 57 40 i/o 99 68 i/o 141 nc i/o 183 127 i/o 16 nc i/o 58 nc i/o 100 69 i/o 142 99 i/o 184 128 i/o 17 10 i/o 59 nc gnd 101 nc i/o 143 nc i/o 185 129 i/o 18 11 i/o 60 41 i/o 102 70 i/o 144 100 i/o 186 nc i/o 19 12 i/o 61 42 vcc 103 71 trstb 145 nc vcc 187 130 vccio 20 13 i/o 62 43 i/o 104 72 tms 146 101 i/o 188 131 i/o 21 nc i/o 63 nc i/o 105 nc i/o 147 102 gnd 189 132 i/o 22 14 i/o 64 44 i/o 106 73 i/o 148 103 i/o 190 nc i/o 23 15 gnd 65 45 i/o 107 nc i/o 149 104 i/o 191 133 i/o 24 16 i/o 66 nc i/o 108 74 i/o 150 nc i/o 192 134 i/o 25 17 gclk / i 67 46 i/o 109 75 i/o 151 105 i/o 193 nc i/o 26 18 aclk / i 68 47 i/o 110 76 i/o 152 106 i/o 194 135 i/o 27 19 vcc 69 48 i/o 111 77 i/o 153 nc i/o 195 136 i/o 28 20 gclk / i 70 nc i/o 112 nc i/o 154 107 i/o 196 nc i/o 29 21 gclk / i 71 49 i/o 113 78 i/o 155 nc i/o 197 137 i/o 30 22 vcc 72 nc i/o 114 79 vcc 156 108 i/o 198 nc i/o 31 23 i/o 73 50 gnd 115 80 i/o 157 109 tck 199 138 gnd 32 nc i/o 74 51 i/o 116 nc gnd 158 110 stm 200 139 i/o 33 24 i/o 75 52 i/o 117 81 i/o 159 111 i/o 201 nc vcc 34 nc i/o 76 nc i/o 118 82 i/o 160 nc i/o 202 140 i/o 35 25 i/o 77 53 i/o 119 nc i/o 161 112 i/o 203 nc i/o 36 nc i/o 78 54 gnd 120 83 i/o 162 113 i/o 204 141 i/o 37 26 i/o 79 55 i/o 121 nc i/o 163 nc gnd 205 142 i/o 38 27 i/o 80 56 i/o 122 84 i/o 164 nc i/o 206 nc i/o 39 28 i/o 81 nc i/o 123 85 i/o 165 114 vcc 207 143 tdo 40 nc i/o 82 57 i/o 124 nc i/o 166 115 i/o 208 144 i/o 41 nc vcc 83 58 vccio 125 86 i/o 167 116 i/o 42 29 i/o 84 59 i/o 126 nc i/o 168 nc i/o 208 pqfp & 144 tqfp p inout t able 6-35 QL4036 - quickram tm pinout diagram 256 pin pbga top bottom pbga 256 pinout table p inout d iagram QL4036-1pb256c quickram a b c d e f g h j k l m n p r t u v w y 20 18 16 14 12 10 8 6 4 2 19 17 15 13 11 9 7 5 3 1 pin a1 corner 36 preliminary QL4036 - quickram tm 6-36 pbga 256 p inout t able 256 function 256 function 256 function 256 function 256 function 256 function pbga pbga pbga pbga pbga pbga a1 vss c4 i/o e19 i/o l2 aclk / i t17 i/o v20 i/o a2 i/o c5 i/o e20 i/o l3 gclk / i t18 i/o w1 i/o a3 i/o c6 i/o f1 i/o l4 gclk / i t19 nc w2 i/o a4 i/o c7 i/o f2 i/o l17 vcc t20 i/o w3 tdi a5 i/o c8 i/o f3 i/o l18 i/o u1 i/o w4 i/o a6 i/o c9 vccio f4 vcc l19 i/o u2 i/o w5 i/o a7 i/o c10 i/o f17 vcc l20 i/o u3 i/o w6 i/o a8 i/o c11 i/o f18 nc m1 i/o u4 vss w7 i/o a9 i/o c12 i/o f19 i/o m2 i/o u5 i/o w8 i/o a10 i/o c13 i/o f20 i/o m3 i/o u6 vcc w9 i/o a11 i/o c14 i/o g1 i/o m4 nc u7 i/o w10 i/o a12 i/o c15 i/o g2 nc m17 nc u8 vss w11 i/o a13 i/o c16 i/o g3 i/o m18 i/o u9 i/o w12 i/o a14 i/o c17 i/o g4 i/o m19 i/o u10 vcc w13 i/o a15 i/o c18 i/o g17 i/o m20 i/o u11 i/o w14 i/o a16 i/o c19 i/o g18 i/o n1 i/o u12 i/o w15 i/o a17 i/o c20 i/o g19 nc n2 i/o u13 vss w16 i/o a18 i/o d1 i/o g20 i/o n3 i/o u14 i/o w17 i/o a19 tck d2 i/o h1 i/o n4 vss u15 vcc w18 i/o a20 i/o d3 i/o h2 i/o n17 vss u16 i/o w19 i/o b1 tdo d4 vss h3 i/o n18 i/o u17 vss w20 trstb b2 i/o d5 i/o h4 vss n19 i/o u18 i/o y1 i/o b3 i/o d6 vcc h17 vss n20 i/o u19 i/o y2 nc b4 i/o d7 i/o h18 i/o p1 i/o u20 i/o y3 i/o b5 i/o d8 vss h19 i/o p2 i/o v1 i/o y4 i/o b6 i/o d9 i/o h20 i/o p3 i/o v2 nc y5 i/o b7 i/o d10 i/o j1 i/o p4 i/o v3 i/o y6 i/o b8 i/o d11 vcc j2 i/o p17 i/o v4 i/o y7 i/o b9 i/o d12 i/o j3 nc p18 i/o v5 i/o y8 i/o b10 i/o d13 vss j4 i/o p19 nc v6 i/o y9 i/o b11 i/o d14 i/o j17 nc p20 i/o v7 i/o y10 i/o b12 i/o d15 vcc j18 i/o r1 nc v8 i/o y11 i/o b13 i/o d16 i/o j19 i/o r2 i/o v9 i/o y12 i/o b14 i/o d17 vss j20 gclk / i r3 i/o v10 i/o y13 i/o b15 i/o d18 i/o k1 i/o r4 vcc v11 i/o y14 i/o b16 i/o d19 i/o k2 i/o r17 vcc v12 vccio y15 i/o b17 nc d20 i/o k3 i/o r18 i/o v13 i/o y16 i/o b18 stm e1 nc k4 vcc r19 i/o v14 i/o y17 i/o b19 nc e2 i/o k17 gclk / i r20 i/o v15 i/o y18 i/o b20 i/o e3 i/o k18 aclk / i t1 nc v16 i/o y19 i/o c1 i/o e4 i/o k19 gclk / i t2 i/o v17 i/o y20 nc c2 i/o e17 i/o k20 nc t3 i/o v18 i/o c3 i/o e18 i/o l1 gclk / i t4 nc v19 tms 6-37 QL4036 - quickram tm pin description ordering information p in d escription pin function description tdi/rsi test data in for jtag / ram init. serial data in hold high during normal operation. connects to serial prom data in for ram initialization. connect to vcc if unused. trstb/rro active low reset for jtag / ram init. reset out hold low during normal operation. connects to serial prom reset for ram initialization. connect to gnd if unused. tms test mode select for jtag hold high during normal operation. connect to vcc if not used for jtag. tck test clock for jtag hold high or low during normal operation. connect to vcc or ground if not used for jtag. tdo/rco test data out for jtag / ram init. clock out connect to serial prom clock for ram initialization. must be left unconnected if not used for jtag or ram initialization. stm special test mode must be grounded during normal operation. i/aclk high-drive input and/or array network driver can be configured as either or both. i/gclk high-drive input and/or global network driver can be configured as either or both. i high-drive input use for input signals with high fanout. i/o input/output pin can be configured as an input and/or output. vcc power supply pin connect to 3.3v supply. vccio input voltage tolerance pin connect to 5.0 volt supply if 5 volt input tolerance is required, otherwise connect to 3.3v supply. gnd ground pin connect to ground. gnd/therm ground/thermal pin available on 456-pbga only. connect to ground plane on pcb if heat sinking desired. otherwise may be left unconnected. ql 4036 - 1 pq208 c operating range c = commercial i = industrial m = military package code pf144 = 144-pin tqfp cf208 = 208-pin cqfp pq208 = 208-pin pqfp pb256 = 256-pin pbga quicklogic device quickram device part number speed grade 0 = quick 1 = fast 2 = faster 3 = faster *4 = wow * contact quicklogic regarding availability. 38 preliminary QL4036 - quickram tm 6-38 absolute maximum ratings vcc voltage..................................-0.5 to 4.6v vccio voltage ...................................-0.5 to 7.0v input voltage ......................... -0.5 to vccio+0.5v latch-up immunity .................................. 200 ma dc input current.................................. 20 ma esd pad protection .............................. 2000v storage temperature .............. -65 c to +150 c lead temperature ........................... .......300 c operating range dc characteristics notes: [1] applies only to -1/-2/-3/-4 commercial grade devices. these speed grades are also pci-compliant. all other devices have 8 ma iol specifications. [2]capacitance is sample tested only. clock pins are 12 pf maximum. [3]only one output at a time. duration should not exceed 30 seconds. [4]for -1/-2/-3/-4 commercial grade devices only. maximum icc is 3 ma for -0 commercial grade and all industrial grade devices, and 5 ma for all military grade devices. for ac conditions, contact quicklogic customer engineering. symbol parameter military industrial commercial unit min max min max min max vcc supply voltage 3.0 3.6 3.0 3.6 3.0 3.6 v vccio i/o input tolerance voltage 3.0 5.5 3.0 5.5 3.0 5.25 v ta ambient temperature -55 -40 85 0 70 c tc case temperature 125 c -0 speed grade 0.42 2.03 0.43 1.90 0.46 1.85 k delay factor -1 speed grade 0.42 1.64 0.43 1.54 0.46 1.50 -2 speed grade 0.42 1.37 0.43 1.28 0.46 1.25 -3 speed grade n/a n/a 0.43 0.90 0.46 0.88 -4 speed grade n/a n/a 0.43 0.82 0.46 0.80 symbol parameter conditions min max unit vih input high voltage 0.5vcc vccio+0.5 v vil input low voltage -0.5 0.3vcc v voh output high voltage ioh = -12 ma 2.4 v ioh = -500 a 0.9vcc v vol output low voltage iol = 16 ma [1] 0.45 v iol = 1.5 ma 0.1vcc v ii i or i/o input leakage current vi = vccio or gnd -10 10 a ioz 3-state output leakage current vi = vccio or gnd -10 10 a ci input capacitance [2] 10 pf ios output short circuit current [3] vo = gnd -15 -180 ma vo = vcc 40 210 ma icc d.c. supply current [4] vi, vio = vccio or gnd 0.50 (typ) 2 ma iccio d.c. supply current on vccio 0 100 a 6-39 QL4036 - quickram tm ac characteristics at vcc = 3.3v, ta = 25 c (k = 1.00) (to calculate delays, multiply the appropriate k factor in the "operating range" section by the following numbers.) logic cells ram cell synchronous write timing notes: [5]stated timing for worst case propagation delay over process variation at vcc=3.3v and ta=25 c. multiply by the appropriate delay factor, k, for speed grade, voltage and temperature settings as specified in the operating range. [6]these limits are derived from a representative selection of the slowest paths through the quickram logic cell including typical net delays. worst case delay values for specific paths should be determined from timing anal- ysis of your particular design. symbol parameter propagation delays (ns) fanout [5] 12348 tpd combinatorial delay [6] 1.4 1.7 1.9 2.2 3.2 tsu setup time [6] 1.7 1.7 1.7 1.7 1.7 th hold time 0.0 0.0 0.0 0.0 0.0 tclk clock to q delay 0.7 1.0 1.2 1.5 2.5 tcwhi clock high time 1.2 1.2 1.2 1.2 1.2 tcwlo clock low time 1.2 1.2 1.2 1.2 1.2 tset set delay 1.0 1.3 1.5 1.8 2.8 treset reset delay 0.8 1.1 1.3 1.6 2.6 tsw set width 1.9 1.9 1.9 1.9 1.9 trw reset width 1.8 1.8 1.8 1.8 1.8 symbol parameter propagation delays (ns) fanout 12348 tswa wa setup time to wclk 1.0 1.0 1.0 1.0 1.0 thwa wa hold time to wclk 0.0 0.0 0.0 0.0 0.0 tswd wd setup time to wclk 1.0 1.0 1.0 1.0 1.0 thwd wd hold time to wclk 0.0 0.0 0.0 0.0 0.0 tswe we setup time to wclk 1.0 1.0 1.0 1.0 1.0 thwe we hold time to wclk 0.0 0.0 0.0 0.0 0.0 twcrd wclk to rd (wa=ra) [5] 5.0 5.3 5.6 5.9 7.1 40 preliminary QL4036 - quickram tm 6-40 ram cell synchronous read timing ram cell asynchronous read timing input-only/clock cells clock cells notes: [7]the array distributed networks consist of 40 half columns and the global distributed networks consist of 44 half columns, each driven by an independent buffer. the number of half columns used does not affect clock buffer delay. the array clock has up to 8 loads per half column. the global clock has up to 11 loads per half column. symbol parameter propagation delays (ns) fanout 12348 tsra ra setup time to rclk 1.0 1.0 1.0 1.0 1.0 thra ra hold time to rclk 0.0 0.0 0.0 0.0 0.0 tsre re setup time to rclk 1.0 1.0 1.0 1.0 1.0 thre re hold time to rclk 0.0 0.0 0.0 0.0 0.0 trcrd rclk to rd [5] 4.0 4.3 4.6 4.9 6.1 symbol parameter propagation delays (ns) fanout 12348 rpdrd ra to rd [5] 3.0 3.3 3.6 3.9 5.1 symbol parameter propagation delays (ns) fanout [5] 123481224 tin high drive input delay 1.5 1.6 1.8 1.9 2.4 2.9 4.4 tini high drive input, inverting delay 1.6 1.7 1.9 2.0 2.5 3.0 4.5 tisu input register set-up time 3.1 3.1 3.1 3.1 3.1 3.1 3.1 tih input register hold time 0.0 0.0 0.0 0.0 0.0 0.0 0.0 tlclk input register clock to q 0.7 0.8 1.0 1.1 1.6 2.1 3.6 tlrst input register reset delay 0.6 0.7 0.9 1.0 1.5 2.0 3.5 tlesu input register clock enable setup time 2.3 2.3 2.3 2.3 2.3 2.3 2.3 tleh input register clock enable hold time 0.0 0.0 0.0 0.0 0.0 0.0 0.0 symbol parameter propagation delays (ns) loads per half column [7] 123481011 tack array clock delay 1.2 1.2 1.3 1.3 1.5 1.6 1.7 tgckp global clock pin delay 0.7 0.7 0.7 0.7 0.7 0.7 0.7 tgckb global clock buffer delay 0.8 0.8 0.9 0.9 1.1 1.2 1.3 6-41 QL4036 - quickram tm i/o cell input delays i/o cell output delays notes: [8]the following loads are used for tpxz symbol parameter propagation delays (ns) fanout [5] 1234810 ti/o input delay (bidirectional pad) 1.3 1.6 1.8 2.1 3.1 3.6 tisu input register set-up time 3.1 3.1 3.1 3.1 3.1 3.1 tih input register hold time 0.0 0.0 0.0 0.0 0.0 0.0 tloclk input register clock to q 0.7 1.0 1.2 1.5 2.5 3.0 tlorst input register reset delay 0.6 0.9 1.1 1.4 2.4 2.9 tlesu input register clock enable set-up time 2.3 2.3 2.3 2.3 2.3 2.3 tleh input register clock enable hold time 0.0 0.0 0.0 0.0 0.0 0.0 symbol parameter propagation delays (ns) output load capacitance (pf) 30 50 75 100 150 toutlh output delay low to high 2.1 2.5 3.1 3.6 4.7 touthl output delay high to low 2.2 2.6 3.2 3.7 4.8 tpzh output delay tri-state to high 1.2 1.7 2.2 2.8 3.9 tpzl output delay tri-state to low 1.6 2.0 2.6 3.1 4.2 tphz output delay high to tri-state [8] 2.0 tplz output delay low to tri-state [8] 1.2 5 pf 1k ? 5 pf 1k ? tphz tplz 42 preliminary QL4036 - quickram tm 6-42 this page is intentionally blank. |
Price & Availability of QL4036 |